PART |
Description |
Maker |
SA555 SE555P NE555 NE555D NE555P NE555PSR NE555PW |
PRECISION TIMERS
|
http:// NEC[NEC] NEC Corp.
|
AN1555N |
General-Use Precision Timers
|
Matsushita Electric Works(Nais)
|
STR710F STR711FR2T6 STR710FZ2T6 STR711FR0T6 STR712 |
ARM7TDMI⑩ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI⒙ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 144/64-pin ARM7TDMI MCU with up to 256KB FLASH, 64KB RAM and EMI
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
ST7285A5CQ6 ST7285A5CQ8 ST72T85A5Q6 |
8-BIT MICROCONTROLLER (MCU) FOR CAR RADIO WITH ROM, EPROM OR OTP, RDS (RADIO DATA SYSTEM), ADC, TIMERS, SPI (S), I2C, SCI, PQFP80 8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
|
SGS Thomson Microelectronics ST Microelectronics
|
ST72141 ST72141K2 ST72141K2B6 ST72141K2M6 ST72T141 |
8-BIT MICROCONTROLLER (MCU) FOR ELECTRIC-MOTOR CONTROL WITH 8K ROM/OTP/EPROM, 256 BYTES RAM,ADC, WDG, SPI & 2 TIMERS, SDIP32-SO34 8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE ST72141K - 8-BIT MCU FOR ELECTRIC-MOTOR CONTROL WITH ROM/OTP/EPROM, 256 BYTES RAM, ADC, 16-BIT TIMERS, SPI INTERFACE
|
ST Microelectronics
|
MAX9051 MAX9039 MAX9041 MAX9052 MAX9042 MAX9053 MA |
4-Bit Binary Full Adders With Fast Carry 16-CFP -55 to 125 "SOT23, Micropower Comparator plus Precision 2.5V Refenece" " Micropower, Comparator and Reference in UCSP" "SOT23, Micropower Comparator plus Precision 2.048V Refenece" " SOT23, Micropower Comparator plus Precision 2.5V Refenece" "Dual, Micropower Comparator plus Precision 2.048V Refenece" Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
EBSSM231MF EBSSM2310M EBSSM2310MF EBSSM2310S EBSSM |
Timers Interval
|
List of Unclassifed Manufacturers ETC[ETC]
|
KS32C50100 |
32-Bit Timers
|
Samsung
|
STM32F372XX STM32F373CC STM32F373RB STM32F373R8 ST |
ARM Cortex-M4F 32b MCU FPU, up to 256KB Flash 32KB SRAM timers ARM Cortex-M4F 32b MCU FPU, up to 256KB Flash 32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
|
STMicroelectronics
|
B208220600 B101024006 B101024060 B101024600 B10112 |
Timers Interval 计时器间
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
|